| Moteur de recherche de fiches techniques de composants électroniques |
|
DM51157 Fiches technique(PDF) 231 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51157 Fiches technique(HTML) 231 Page - ITT Industries |
|
231 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change D 24W7 17 #20 7 #8 D 36W4 32 #20 4 #8 D 43W2 41 #20 2 #20 D 47W1 46 #20 1 #20 2,84 (.112) 61,12 (2.406) 5,54(.218) 5,54(.218) 2,84 (.112) 11,53 (.454) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,84 (.112) 13,72 (.540) 20,57 (.810) 6,86 (.270) 2,54 (.100) 2,54 (.100) 9,40 (.370) 10,06 (.396) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) REAR FLANGE REF 20,57 (.810) 4,14 (.163) Mounting Hole Signal Contact Coax Contact 2,84 (.112) 61,12 (2.406) 5,54(.218) 5,54(.218) 2,84 (.112) 11,53 (.454) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,80 (.110) 8,28 (.326) 20,57 (.810) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 2,54 (.100) 2,54 (.100) 9,40 (.370) 10,06 (.396) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) REAR FLANGE REF Mounting Hole Signal Contact Coax Contact PCB Hole Pattern — Standard Coaxial 90 ° — Plug Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,76 (.030) 1,14 (.045) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X Coaxial (C or X) 1,14 (.045) 230 |