Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM130343 Fiches technique(PDF) 2 Page - ITT Industries

No de pièce DM130343
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DM130343 Fiches technique(HTML) 2 Page - ITT Industries

  DM130343 Datasheet HTML 1Page - ITT Industries DM130343 Datasheet HTML 2Page - ITT Industries DM130343 Datasheet HTML 3Page - ITT Industries DM130343 Datasheet HTML 4Page - ITT Industries DM130343 Datasheet HTML 5Page - ITT Industries DM130343 Datasheet HTML 6Page - ITT Industries DM130343 Datasheet HTML 7Page - ITT Industries DM130343 Datasheet HTML 8Page - ITT Industries DM130343 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
1
D Subminiature
Contents
Contents
Page
General Application D Subminiature Connectors
Straight PCB Selection Guide .............................................2
D*NG Pressfit Termination ...............................................4
D*M Solder Termination (Machined) — Standard PC Tails .......................6
ZD* Solder Termination (Stamped).........................................8
D* Solder Termination (Machined) — European PC Tails ....................... 10
D* Wrap Post Termination .............................................. 12
90
° PCB Selection Guide ............................................... 14
D*M Solder Termination (Machined) — Standard Footprint .318
or .283
inch . . . 16
ZED* Solder Termination (Stamped) — Standard Footprint .318 inch .............. 18
D* Solder Termination (Machined) — European Footprint 10,2
or 9,4
mm......20
ZD* Solder Termination (Stamped) — European Footprint 10,2 mm ...............28
Cable Selection Guide .................................................30
D Solder Cup Solder Termination (Machined) with Tin Shells ....................32
ZD* Solder Cup Solder Termination (Stamped) with Tin Shells ...................34
D*A Crimp Connectors without Contacts ...................................36
D*W Discrete Wire IDC ................................................38
Special Application D Subminiature Connectors
Combo DSelection Index ..............................................42
Combo DPCB Connectors with 75 Ohm Coaxial Contacts (50 Ohm Option) ........44
Combo DPCB Connectors with High Power ................................60
Combo DPCB Connectors with (Size 20) Signal Contacts Only ..................74
Combo DCable Solder Cup ............................................78
Combo DCable Crimp Connectors and Shield Cans ..........................80
Loose Contacts and Tooling .............................................83
Commercial Micro D Selection Index ......................................96
MDSM Connectors and Tooling ..........................................98
Filter D Selection Index................................................ 104
Product Performance ................................................. 106
D*JK PCB Connectors ................................................ 108
D*JT Solder Cup and Combo High Power Connectors......................... 122
High Reliability D Subminiature Connectors
Military/High Reliability Selection Index.................................... 130
PCB 90
°, Straight, Wrap Post, and Cable Solder Cup ......................... 132
MIL-C-24308 Cross References and Test Data .............................. 142
Military/High Reliability Combo D....................................... 146
Space/High Reliability Selection Index .................................... 168
PCB Straight, 90
° and Cable Solder Cup ................................... 172
Cable Crimp ........................................................ 182
High Density Cable Crimp .............................................. 184
Space/High Reliability Combo D........................................ 188
Space Accessories and Loose (Size 8) Contacts............................. 190
NASA/GSFC & ESA-SCC Cross References................................. 195
Accessories Selection Guide .............................................. 198
Backshells .........................................................200
Locking Hardware ...................................................208
Miscellaneous ......................................................214
Reader’s Resource Selection Index .........................................219
Dimensional Reference Data............................................220
Lease Tooling ......................................................275
Glossary of Terms ...................................................276
Obsolete Products/Available Products Not Previously Listed ....................282
Part Number Index ...................................................283
Product Safety and Warranty ...........................................297
Combo Dis a registered trademark of ITT Cannon in the United States.
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
The ITT Cannon
D Subminiature family of
connectors has grown to
include a wide variety of styles,
options and accessories and is
often the most economical
solution to any interconnect
problem. Ideally suited for
both commercial/industrial
applications and military/
aerospace applications,
ITT Cannon D Subminiature
connectors have found
worldwide acceptance in a
multitude of applications
ranging from office equipment
to satellites.
On the Cover
Filter D, Combo D,
Commercial Micro D
(MDSM), Pressfit D,
and Standard D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More