Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM130340 Fiches technique(PDF) 41 Page - ITT Industries

No de pièce DM130340
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DM130340 Fiches technique(HTML) 41 Page - ITT Industries

Back Button DM130340 Datasheet HTML 37Page - ITT Industries DM130340 Datasheet HTML 38Page - ITT Industries DM130340 Datasheet HTML 39Page - ITT Industries DM130340 Datasheet HTML 40Page - ITT Industries DM130340 Datasheet HTML 41Page - ITT Industries DM130340 Datasheet HTML 42Page - ITT Industries DM130340 Datasheet HTML 43Page - ITT Industries DM130340 Datasheet HTML 44Page - ITT Industries DM130340 Datasheet HTML 45Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
40
D Subminiature
D*W
Shield Can Kit
Ferrule
D*W
X Cable
Ferrule
X A
Ferrule
Part Number
Crimp Tool
Part Number
Crimp Tool
Position
DEW9G
4,8-5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5-6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2-7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2-8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2-9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5-11,1
11,50 (.452)
304-8813-000
D115433-3
A
DBW25G
4,8-5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5-6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2-7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2-8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2-9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5-11,1
11,50 (.452)
304-8813-000
D115433-3
A
Ferrule
Wire Trim Dimensions
Crimp Tool Positions
FERRULE
CABLE
60
°
38,80(1.528)
32,60(1.283)
16,70
(.657)
39,80
(1.567)
FERRULE, MUST
BE PURCHASED
SEPARATELY.
Materials and Finishes
Shield Can and Ferrule
Material:
Steel
Finish:
Tin
11,25(.443)
Ø A
Ø 11,10(.437)
10,00(.394)
50,00 (1.969)
FERRULE
CABLE
35,00
(1.378)
WIRES
BRAID
Ø10,00
(.394)
10,10
(.398)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More