| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8980CGEFL/V Fiches technique(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8980CGEFL/V Fiches technique(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 123 page ![]() WM8980 Pre-Production w PP, Rev 3.8, May 2012 4 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8980CGEFL/V -25 C to +85C 40-lead QFN (6 x 6 mm) (Pb-free) MSL3 260 oC WM8980CGEFL/RV -25 C to +85C 40-lead QFN (6 x 6 mm) (Pb-free, tape and reel) MSL3 260 oC Note: Reel quantity = 3,500 |