| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8259SCDS/RV Fiches technique(PDF) 18 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8259SCDS/RV Fiches technique(HTML) 18 Page - Wolfson Microelectronics plc |
|
18 / 26 page ![]() WM8259 Production Data w PD Rev 4.2 April 2007 18 OPERATING MODE TIMING DIAGRAMS The following diagrams show 4-bit multiplexed output data and MCLK, VSMP and input video requirements for operation of the most commonly used modes as shown in Table 3. The diagrams are identical for both CDS and non-CDS operation. Note that for extended Mode 4 operation (MCLK:VSMP ratios of 2n:1 where n ≥ 4) the latency is given by: Latency (in MCLK periods) = 16.5 + ( n – 4 ) * 2 MCLK VSMP VINP OP[3:0] (DEL = 00) OP[3:0] (DEL = 01) OP[3:0] (DEL = 10) OP[3:0] (DEL = 11) 16.5 MCLK PERIODS A B C D A B C D A B C D A B C D A B C D A B C A B C A B C D A B C D A B C A B C A B C A B C D A B C D A B C D A B C D A B C D D D D A B C D D D D D Figure 14 Mode 1 Operation AB C AB C AB C D AB C AB C AB C AB C AB C D AB C ABC D ABC D AB C AB C C AB C AB C C AB C AB C C AB C AB C C MCLK VSMP (DEL= 00) VINP OP[3:0] (DEL= 01) OP[3:0] (DEL = 10) OP[3:0] (DEL= 11) 24.5 MCLK PERIODS OP[3:0] RESET SAMPLE VIDEO SAMPLE R S V S R S V S R S V S R S V S R S V S R S V S D D D D D D AB C AB C ABC D D D D AB C D D ABC D D D D D D D D D D D D D Figure 15 Mode 2 Operation |