| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8978CGEFL/V Fiches technique(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8978CGEFL/V Fiches technique(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 118 page ![]() WM8978 Production Data w PD, Rev 4.5, October 2011 4 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8978CGEFL/V -40 C to +100C 32-lead QFN (5 x 5 mm) (Pb-free) MSL3 260 oC WM8978CGEFL/RV -40 C to +100C 32-lead QFN (5 x 5 mm) (Pb-free, tape and reel) MSL3 260 oC Note: Reel quantity = 3,500 |