Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8961GEFL/V Fiches technique(PDF) 52 Page - Wolfson Microelectronics plc

No de pièce WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Fiches technique(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
52
If a volume update is attempted while the signal is a non-zero value, an audible click could occur as
shown in Figure 24.
Figure 24 Click Noise during Volume Update
In order to prevent this click noise, a zero cross function is provided. When enabled, this will cause the
PGA volume to update only when a zero crossing occurs, minimising click noise as shown in Figure
25.
Figure 25 volume Update using Zero Cross Detection
If there is a long period where no zero-crossing occurs, a timeout circuit in the WM8961 will
automatically update the volume. The volume updates will occur between one and two timeout
periods, depending on when the volume update bit is set as shown in Figure 26. The TOEN register
bit must be set to enable this timeout function. The timeout period is set by CLK_TO_DIV[1:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More