Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8960CGEFL/V Fiches technique(PDF) 43 Page - Wolfson Microelectronics plc

No de pièce WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Fiches technique(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
43
VOLUME UPDATES
Volume settings will not be applied to input or output PGAs until a '1' is written to one of the update
bits (IPVU, OUT1VU, SPKVU bits). This is to allow left and right channels to be updated at the same
time, as shown in Figure 16.
Figure 16 Simultaneous Left and Right Volume Updates
If the volume is adjusted while the signal is a non-zero value, an audible click can occur as shown in
Figure 17.
Figure 17 Click Noise during Volume Update
In order to prevent this click noise, a zero cross function is provided. When enabled, this will cause
the PGA volume to update only when a zero crossing occurs, minimising click noise as shown in
Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91