Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8948 Fiches technique(PDF) 24 Page - Wolfson Microelectronics plc

No de pièce WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Fiches technique(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
24
ANALOGUE INPUT SIGNAL PATH
The WM8948 has six analogue input pins, which may be selected in many different configurations.
The analogue input paths can support line and microphone inputs, in single-ended or pseudo-
differential modes. Two of the input pins (AUX1 and AUX2) may be configured either as audio inputs
or may be used as inputs to the Auxiliary ADC for analogue measurement or monitoring.
The Left and Right input PGA audio channels are routed to the Analogue to Digital converters
(ADCs). There is also a bypass path for each channel, enabling the signal to be routed directly to the
output mixers.
The WM8948 input signal paths and control registers are illustrated in Figure 10.
Figure 10 Input Signal Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More