| Moteur de recherche de fiches techniques de composants électroniques |
|
ICX085AL Fiches technique(PDF) 5 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
ICX085AL Fiches technique(HTML) 5 Page - Sony Corporation |
|
5 / 20 page ![]() – 5 – ICX085AL Clock Equivalent Circuit Constant Item Capacitance between vertical transfer clock and GND C φV1 C φV2, CφV3 C φV12 C φV23 C φV31 C φH1 C φH2 C φHH C φRG C φSUB R1, R2, R3 RGND R φH1, RφH2 R φRG 5000 10000 1200 100 3300 82 68 22 6 800 30 30 10 20 pF pF pF pF pF pF pF pF pF pF Ω Ω Ω Ω Capacitance between vertical transfer clocks Capacitance between horizontal transfer clock and GND Capacitance between horizontal transfer clocks Capacitance between reset gate clock and GND Capacitance between substrate clock and GND Vertical transfer clock series resistor Vertical transfer clock ground resistor Horizontal transfer clock series resistor Reset gate clock series resistor Symbol Min. Typ. Max. Unit Remarks Vertical transfer clock equivalent circuit Horizontal transfer clock equivalent circuit R φRG RG φ C φRG Reset gate clock equivalent circuit R φH1 R φH2 H φ2 C φH1 C φH2 C φHH V φ1 C φV12 V φ2 V φ3 C φV2 RGND R3 R1 R2 C φV1 C φv31 C φv23 H φ1 C φV3 |