| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8945ECS/R Fiches technique(PDF) 50 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8945ECS/R Fiches technique(HTML) 50 Page - Wolfson Microelectronics plc |
|
50 / 169 page ![]() WM8945 Production Data w PD, May 2011, Rev 4.1 50 OUTPUT SIGNAL PATH The WM8945 provides a Line Output mixer and two Speaker Output mixers. Multiple inputs to each mixer provide a high degree of flexibility to route different signal paths to each of the four analogue outputs. The DAC outputs can be routed to the mixers either directly or in inverted phase. This makes it easy to generate differential (BTL) output signals. The Auxiliary inputs AUX1/2 may be routed directly to the Speaker outputs, bypassing the Speaker PGAs and mixers. This can be used to provide a fixed-gain signal path for a “PC Beep” or similar application. The output signal paths and associated control registers are illustrated in Figure 19. Note that the speaker outputs are intended to drive a mono headset or speaker (in BTL configuration). They are not designed to drive stereo speakers directly. Figure 19 Output Signal Paths |