| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8945 Fiches technique(PDF) 99 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8945 Fiches technique(HTML) 99 Page - Wolfson Microelectronics plc |
|
99 / 169 page ![]() Production Data WM8945 w PD, May 2011, Rev 4.1 99 Figure 38 Control Interface 2-wire (I2C) Register Write The sequence of signals associated with a single register read operation is illustrated in Figure 39. Figure 39 Control Interface 2-wire (I2C) Register Read The Control Interface also supports other register operations, as listed above. The interface protocol for these operations is summarised below. The terminology used in the following figures is detailed in Table 67. Note that, for multiple write and multiple read operations, the auto-increment option must be enabled. This feature is enabled by default, as noted in Table 66. TERMINOLOGY DESCRIPTION S Start Condition Sr Repeated start A Acknowledge P Stop Condition R/W ReadNotWrite 0 = Write 1 = Read [White field] Data flow from bus master to WM8945 [Grey field] Data flow from WM8945 to bus master Table 67 Control Interface Terminology Figure 40 Single Register Write to Specified Address |