| Moteur de recherche de fiches techniques de composants électroniques |
|
VNH5050ATR-E Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH5050ATR-E Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 33 page ![]() VNH5050A-E Application information Doc ID 16009 Rev 10 23/33 Series resistor must be inserted to limit the current sunk from the microcontroller I/Os. If IRmax is the maximum target reverse current through µC I/Os, series resistor is: Figure 13. Half-bridge configuration Note: The VNH5050A-E can be used as a high power half-bridge driver. Figure 14. Multi-motors configuration Note: The VNH5050A-E can easily be designed in multi-motors driving applications such as seat positioning systems where only one motor has to be driven at a time. DIAGX/ENX pins allow to put unused half-bridges in high impedance. R V IOs V CC – I Rmax --------------------------------- = M OUTA OUTA OUTB OUTB VCC PWM DIAGA/ENA INA DIAGB/ENB INB GND GND PWM DIAGA/ENA INA DIAGB/ENB INB M2 OUTA OUTA OUTB OUTB VCC PWM DIAGA/ENA INA DIAGB/ENB INB GND GND PWM DIAGA/ENA INA DIAGB/ENB INB M1 M3 |