| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8768GEDS/V Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8768GEDS/V Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 38 page ![]() Production Data WM8768 w PD Rev 4.3 July 2010 3 PIN CONFIGURATION 28 LEAD SSOP ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8768GEDS/V -25 to +85oC 28-lead SSOP (Pb-free) MSL3 260°C WM8768GEDS/RV -25 to +85oC 28-lead SSOP (lPb-free, tape and reel) MSL3 260°C Note: Reel quantity = 2,000 |