| Moteur de recherche de fiches techniques de composants électroniques |
|
1110313 Fiches technique(PDF) 75 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1110313 Fiches technique(HTML) 75 Page - Tyco Electronics |
|
75 / 85 page ![]() G-Type® push-on wire markers 75 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Pre-Printed Wire and Cable Markers Ordering information Size code Marker size Cable diameter (mm) Box quantity 0719 G3/10 1.4 – 2.5 1000 0720 G3/20 2.0 – 3.5 1000 0721 G4/10 3.0 – 6.0 500 0722 G6/10 5.0 – 9.5 250 0723 G6/20 8.0 – 12.5 250 Packaging Code 1 Box Color Code (Available for All Legends) 4 Yellow Legend code Legend Code Legend Code Legend Code 000 J 19 / 38 101 K 20 ~ 39 2 02 L 21 Earth 40 303 M 22 ) 41 4 04 N 23 Blank 42 505 O 24 : 43 606 P 25 , 44 707 Q 26 < 45 808 R 27 > 46 909 S 28 = 47 A10 T 29 . 48 B 11 U 30 L1 51 C 12 V 31 L2 52 D 13 W 32 L3 53 E 14 X 33 Serd 54 F 15 Y 34 PE 55 G16 Z 35 PEN 56 H17 + 36 ( 62 I18 - 37 |