Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPS331APTR Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button LPS331APTR Datasheet HTML 27Page - STMicroelectronics LPS331APTR Datasheet HTML 28Page - STMicroelectronics LPS331APTR Datasheet HTML 29Page - STMicroelectronics LPS331APTR Datasheet HTML 30Page - STMicroelectronics LPS331APTR Datasheet HTML 31Page - STMicroelectronics LPS331APTR Datasheet HTML 32Page - STMicroelectronics LPS331APTR Datasheet HTML 33Page - STMicroelectronics LPS331APTR Datasheet HTML 34Page - STMicroelectronics LPS331APTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LPS331AP
Register description
Doc ID 022112 Rev 7
31/36
DELTA_PRESS_L (3Eh)
Pressure offset
Address:
3Eh
Type:
R/W
Reset:
00h
DELTA_PRESS registers are used to store the one point calibration value to eliminate
accuracy shift after soldering. DELTA_PRESS acts on the output pressure when
CTRL_REG1[1] DELTA_EN is set to ‘1’.
24
23
22
21
20
19
18
17
DELTA23
DELTA22
DELTA21
DELTA20
DELTA19
DELTA18
DELTA17
DELTA16
[23:16] DELTA23-DELTA16: Delta pressure register for One Point calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36