| Moteur de recherche de fiches techniques de composants électroniques |
|
LPS331APY Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LPS331APY Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 36 page ![]() LPS331AP Register description Doc ID 022112 Rev 7 31/36 DELTA_PRESS_L (3Eh) Pressure offset Address: 3Eh Type: R/W Reset: 00h DELTA_PRESS registers are used to store the one point calibration value to eliminate accuracy shift after soldering. DELTA_PRESS acts on the output pressure when CTRL_REG1[1] DELTA_EN is set to ‘1’. 24 23 22 21 20 19 18 17 DELTA23 DELTA22 DELTA21 DELTA20 DELTA19 DELTA18 DELTA17 DELTA16 [23:16] DELTA23-DELTA16: Delta pressure register for One Point calibration |