Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPS331AP Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce LPS331AP
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331AP Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button LPS331AP Datasheet HTML 28Page - STMicroelectronics LPS331AP Datasheet HTML 29Page - STMicroelectronics LPS331AP Datasheet HTML 30Page - STMicroelectronics LPS331AP Datasheet HTML 31Page - STMicroelectronics LPS331AP Datasheet HTML 32Page - STMicroelectronics LPS331AP Datasheet HTML 33Page - STMicroelectronics LPS331AP Datasheet HTML 34Page - STMicroelectronics LPS331AP Datasheet HTML 35Page - STMicroelectronics LPS331AP Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LPS331AP
Package mechanical section
Doc ID 022112 Rev 7
33/36
Table 20.
HCLGA-16L (3 x 3 x 1 mm) mechanical data
Figure 12.
Tray information
Symbol
Millimeters
Min
Typ
Max
E1
2.850
3.000
3.150
E3
–
0
–
D1
2.850
3.000
3.150
D3
–
0.700
–
R1
–
0.400
–
A1
–
1.000
–
L1
–
1.000
–
N1
–
0.500
–
L2
–
2.000
–
N2
–
1.000
–
P1
–
0.875
–
P2
–
1.275
–
T1
–
0.350
–
T2
–
0.250
–
d
–
0.150
–
K
–
0.050
–
M
–
0.100
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36