| Moteur de recherche de fiches techniques de composants électroniques |
|
6462011 Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
6462011 Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 68 page ![]() Using the Software: ADS1299 Control Registers and GUI www.ti.com 5.5.1 Lead-Off Sense (LOFF_SENSP and LOFF_SENSN) Registers These registers enable lead-off detection for both the positive and negative channels. Figure 24 describes the 4-bit DAC settings to configure the lead-off threshold. Note that the LOFF_FLIPx bits change the direction of the lead-off current if this option is selected. Figure 24 illustrates the connections from the positive and negative inputs to the lead-off comparators. Figure 25 shows the respective GUI panel on the EVM software. Figure 24. LOFF_STATP and LOFF_STATN Comparators Figure 25. LOFF_SENSP and LOFF_SENSN Registers GUI Panel 24 EEG Front-End Performance Demonstration Kit SLAU443 – May 2012 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated |