| Moteur de recherche de fiches techniques de composants électroniques |
|
5000 Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
5000 Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 68 page ![]() ADS1299EEG-FE Analysis Tools www.ti.com Figure 30. Zoom Option on the Waveform Examination Tool 6.2 Histogram Tool The Histogram tool is located under the Analysis→Histogram tab. 6.2.1 Using the Analysis →Histogram Tool The Analysis →Histogram tool is used primarily to view the bin separation of the different amplitudes of the EEG waveform harmonics. Figure 31 illustrates the histogram output for input short on all channels. The same Signal Zoom analysis may be used on the histogram plots for a more detailed examination of the amplitude bins. The Analysis table gives the mean of the input signal and also the rms and peak-to-peak value of the signal on each channel. 28 EEG Front-End Performance Demonstration Kit SLAU443 – May 2012 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated |