Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLZ2012A3R3W Fiches technique(PDF) 18 Page - Texas Instruments

No de pièce MLZ2012A3R3W
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MLZ2012A3R3W Fiches technique(HTML) 18 Page - Texas Instruments

Back Button MLZ2012A3R3W Datasheet HTML 14Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 15Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 16Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 17Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 18Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 19Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 20Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 21Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Using the Software: ADS1299 Control Registers and GUI
www.ti.com
Apart from providing the option to feed inputs directly at the jumper (for general purpose data acquisition),
the ADS1299 EVM provides multiple configurations specific to the EEG application. These configurations
are explained in detail in Section 7.
5
Using the Software: ADS1299 Control Registers and GUI
Before starting to use the EVM software, there is one important feature that users should be aware of. The
software GUI contains a Save tab that allows all data from any combination of channels to be saved in a
given directory location with notes to describe the saved data. Figure 15 shows the Save tab options.
Figure 15. File Save Option Under 'Save' Tab
5.1
Overview and Features
This section provides a quick overview of the various features and functions of the ADS1299EEG-FE
software package.
There are four primary tabs across the left side of the GUI:
About tab: Provides information about the EVM and software version revisions.
ADC Register tab: Includes all of the control registers for the ADS1299, in a series of related sub-tabs:
Channel Registers tab
LOFF and BIAS tab
18
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68