Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THC63LVDR84B Fiches technique(PDF) 6 Page - THine Electronics, Inc.

No de pièce THC63LVDR84B
Description  LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINE [THine Electronics, Inc.]
Site Internet  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84B Fiches technique(HTML) 6 Page - THine Electronics, Inc.

Back Button THC63LVDR84B Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 10Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright©2011 THine Electronics, Inc.
6/10
THine Electronics, Inc.
THC63LVDR84B_Rev.2.2_E
AC Timing Diagrams
Vdiff = 0V
Rx+/-
Rx6
Rx5
Rx4
Rx3
Rx2
Rx1
Rx0
Vdiff = 0V
tRIP2
tRIP3
tRIP4
tRIP5
tRIP6
tRIP0
tRIP1
tRCD
RCLK+
tRCL
tRCH
tRCP
CLKOUT
tRS
tRH
DATA VALID
Rx0 - Rx6
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Note:
1) Vdiff = (RA+) - (RA-),...... (RCLK+) - (RCLK-)
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10