Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THCV233 Fiches technique(PDF) 2 Page - THine Electronics, Inc.

No de pièce THCV233
Description  THCV233 is V-by-One짰 HS High-speed video data ansmitter with bi-directional transceiver.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINE [THine Electronics, Inc.]
Site Internet  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Fiches technique(HTML) 2 Page - THine Electronics, Inc.

  THCV233 Datasheet HTML 1Page - THine Electronics, Inc. THCV233 Datasheet HTML 2Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THCV233_Rev.1.00_E_Brief
Copyright©2012 THine Electronics, Inc.
THine Electronics, Inc.
2/2
Example System Diagram
RLA+/-
RLB+/-
RLC+/-
RLE+/-
RLCLK+/-
RX0P
RX0N
THCV234
RLD+/-
TLA+/-
TLB+/-
TLC+/-
TLE+/-
TLCLK+/-
TX0P
TX0N
THCV233
TLD+/-
RCMP
RCMN
TCMP
TCMN
SDA
SCL
SDA
SCL
MCU
MCU
Example for LVDS to LVDS with
bi-directional transceiver
Example for LVDS to CMOS/TTL
Notices and Requests
1.
The product specifications described in this material are subject to change without prior notice.
2.
The circuit diagrams described in this material are examples of the application which may not always apply
to the customer’s design. We are not responsible for possible errors and omissions in this material. Please
note if errors or omissions should be found in this material, we may not be able to correct them immediately.
3.
This material contains our copy right, know-how or other proprietary. Copying or disclosing to third parties
the contents of this material without our prior permission is prohibited.
4.
Note that if infringement of any third party's industrial ownership should occur by using this product, we will
be exempted from the responsibility unless it directly relates to the production process or functions of the
product.
5.
This product is presumed to be used for general electric equipment, not for the applications which require
very high reliability (including medical equipment directly concerning people's life, aerospace equipment, or
nuclear control equipment). Also, when using this product for the equipment concerned with the control and
safety of the transportation means, the traffic signal equipment, or various Types of safety equipment, please
do it after applying appropriate measures to the product.
6.
Despite our utmost efforts to improve the quality and reliability of the product, faults will occur with a
certain small probability, which is inevitable to a semi-conductor product. Therefore, you are encouraged to
have sufficiently redundant or error preventive design applied to the use of the product so as not to have our
product cause any social or public damage.
7.
Please note that this product is not designed to be radiation-proof.
8.
Customers are asked, if required, to judge by themselves if this product falls under the category of strategic
goods under the Foreign Exchange and Foreign Trade Control Law.
THine Electronics, Inc.
sales@thine.co.jp



Html Pages

1 2