Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XB3550-2R5307-R Fiches technique(PDF) 1 Page - Cooper Bussmann, Inc.

No de pièce XB3550-2R5307-R
Description  Supercapacitors XB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XB3550-2R5307-R Fiches technique(HTML) 1 Page - Cooper Bussmann, Inc.

  XB3550-2R5307-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XB3550-2R5307-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cooper Bussmann PowerStor supercapacitors are unique, ultra-high
capacitance devices utilizing electrochemical double layer capacitor (EDLC)
construction combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann to offer a
wide variety of capacitor solutions tailored to specific applications that range
from a few micro-amps for several days to several amps for milliseconds.
Features & Benefits
Applications
• Over 10-Year Operating
• Hybrid Battery or
Life at Room Temperature
Fuel Cell Systems
• Ultra Low ESR for High
• High Pulse Current
Power Density
Applications
• Large Capacitance for
• UPS / Hold Up Power
High Energy Density
• Long Cycle Life
• UL Recognized
Supercapacitors
XB Series
Specifications
Capacitance
300F to 400F
Working Voltage
2.5V
Surge Voltage
2.85V
Capacitance Tolerance
-10% to +10%
Operating Temperature Range
-25°C to 70°C
Standard Product
Nominal ESR (m
Ω)
(Equivalent Series Resistance)
Capacitance (F)
Part Number
1kHz (ref)
DC Resistance
Nominal Dimensions (mm)
Typical Mass (grams/piece)
300
XB3550-2R5307-R
6.0
7.0
Ø = 35; L = 50
69
400
XB3560-2R5407-R
4.0
4.5
Ø = 35; L = 60
80
Performance
Capacitance Change
ESR
Parameter
(% of initial specified value)
(% of initial specified value)
Life (1500 hrs @ maximum rated voltage and temperature)
< 20 %
< 200 %
Storage - Low and High Temperature
(1500 hrs @ -40°C and 70°C)
< 20 %
< 200 %
Pb
HALOGEN
HF
FREE
0512
BU-SB12430
Page 1 of 2
Data Sheet: 4423
Snap-In Cylindrical Device


Numéro de pièce similaire - XB3550-2R5307-R

FabricantNo de pièceFiches techniqueDescription
logo
Eaton All Rights Reserv...
XB3550-2R5307-R EATON-XB3550-2R5307-R Datasheet
500Kb / 4P
Cylindrical snap-in
More results

Description similaire - XB3550-2R5307-R

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
Supercapacitors XV Series
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
Supercapacitors FA Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
Supercapacitors FG Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
Supercapacitors FS Series
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
Supercapacitors FY Series
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
Supercapacitors FY Series
More results


Html Pages

1 2