Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMG-PI004 Fiches technique(PDF) 2 Page - alpha microelectronics gmbh

No de pièce AMG-PI004
Description  H-Bridge/Full Bridge Array of P and N channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALPHA-MICRO [alpha microelectronics gmbh]
Site Internet  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PI004 Fiches technique(HTML) 2 Page - alpha microelectronics gmbh

  AMG-PI004 Datasheet HTML 1Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 9Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AMG-PI004
H-Bridge/Full Bridge Array of P and N channel MOSFETs
3.1. Application Circuit Example
3.2. Application Notes
The thermal resistance of the DFN8L package can be enhanced by using the bottom pad as
heat sinks.
In order to lower the thermal resistance, vias should be placed below the Drain and Source
pads. These vias should connect to big enough heat sinks within the PCB. This will also be
beneficial for the ohmic resistance of the traces.
AMG-PI004
Revision: B
06.11.12
© All rights reserved
Page 2 of 20
Figure 1: Application Circuit Example.
Motor
Control
5
S1
6
7
8
S4
G1
G4
G2
G3
D1
D4
D3
S3
D2
S2
5
S1
6
7
8
S4
G1
G4
G2
G3
D1
D4
D3
S3
D2
S2
Stepper
Motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20