Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS632 Fiches technique(PDF) 9 Page - SEC Electronics Inc.

No de pièce SS632
Description  Hall Latch - High Sensitivity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECELECTRONICS [SEC Electronics Inc.]
Site Internet  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS632 Fiches technique(HTML) 9 Page - SEC Electronics Inc.

Back Button SS632 Datasheet HTML 2Page - SEC Electronics Inc. SS632 Datasheet HTML 3Page - SEC Electronics Inc. SS632 Datasheet HTML 4Page - SEC Electronics Inc. SS632 Datasheet HTML 5Page - SEC Electronics Inc. SS632 Datasheet HTML 6Page - SEC Electronics Inc. SS632 Datasheet HTML 7Page - SEC Electronics Inc. SS632 Datasheet HTML 8Page - SEC Electronics Inc. SS632 Datasheet HTML 9Page - SEC Electronics Inc. SS632 Datasheet HTML 10Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
Package SO, 3-Pin SOT-23:
Hall plate lo
 
Notes:
1). PINOUT:
Pin 1 VDD
Pin 2 Output
2). All dimension
Top View
3
Pin 3 GND
s are in millimeters ;
2.65
2.95
1.60
1.70
1
2
1.70
2.10
                                                               
9
V2.00
May.1, 2012
cation
Side View
End View
2.82
3.02
0.08
0.20
0.70
0.90
0.70
0.80
0.20
MIN
0.00
0.10
0.35
0.50
Bottom View of TSOT-23
0.36
0.46
0.95
0.80
1.50
1.40
Chip
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10