| Moteur de recherche de fiches techniques de composants électroniques |
|
SS5682LSOT Fiches technique(PDF) 1 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS5682LSOT Fiches technique(HTML) 1 Page - SEC Electronics Inc. |
|
1 / 9 page ![]() SS5682 Unipolar Hall Switch 1 V2.00 May 1, 2012 Application Examples Features and Benefits – Automotive, Consumer and Industrial – Wide operating voltage range from 2.5V to 24V – Solid-state switch – Medium sensitivity – Interrupter – CMOS technology – Speed detection – Chopper-stabilized amplifier stage – Linear position detection Superior temperature stability – Angular position detection Extremely low switchpoint drift – Proximity detection Insensitive to physical stress – Low current consumption – Open drain output – Tiny SOT23 3L or flat SIP 3L both RoHS Compliant packages 3 pin SOT23 (suffix SO) 3 pin SIP (suffix UA) Functional Block Diagram VDD OUT Voltage Regulatr Chopper Hall Plate GND SIP Package SOT Package Pin 1 – VDD Pin 1 – VDD Pin 2 – GND Pin 2 – OUT Pin 3 – OUT Pin 3 – GND |
Numéro de pièce similaire - SS5682LSOT |
|
Description similaire - SS5682LSOT |