| Moteur de recherche de fiches techniques de composants électroniques |
|
HT47C06L Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT47C06L Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 37 page ![]() Block Diagram Pin Assignment HT47C06L Rev. 1.00 2 June 15, 2007 N C L V D P A 0 / B Z P A 1 / B Z P A 2 / E L P A 3 P A 4 P A 5 P A 6 P A 7 N C S E G 1 S E G 2 S E G 3 S E G 4 S E G 5 S E G 6 S E G 7 S E G 8 S E G 9 S E G 1 0 S E G 1 1 H T 4 7 C 0 6 L 4 4 Q F P - A 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 P r o g r a m C o u n t e r P r o g r a m R O M I n s t r u c t i o n R e g i s t e r I n s t r u c t i o n D e c o d e r T i m i n g G e n e r a t o r f S Y S = 3 2 k H z I n t e r r u p t C i r c u i t I N T C M P M U X M U X D A T A M e m o r y A L U S h i f t e r S T A T U S A C C T i m e r A S y s t e m C l o c k P A T i m e B a s e L C D M e m o r y B P L C D D r i v e r C O M 0 ~ C O M 1 L C D B Z / B Z W D T T i m e r B R C I N R R E F R S E N R C T y p e A / D C o n v e r t e r D o u b l e V o l t a g e C 1 C 2 V C C S T A C K 1 S T A C K 0 V D D V S S R E S T R I M 1 T R I M 2 S E G 0 ~ S E G 1 2 R C O s c i l l a t o r P u l s e W i d t h M e a s u r e m e n t M o d e C o n t r o l T N 1 T N 0 T O N A / D C l o c k L V D P A 0 / B Z P A 1 / B Z P A 2 / E L P A 3 P A 4 P A 5 P A 6 P A 7 L V D P o r t A T E S y s t e m C l o c k ( f S Y S ) T N 1 T N 0 O S C 1 O S C 2 C O M 2 / S E G 1 3 |