Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS248LSOT Fiches technique(PDF) 8 Page - SEC Electronics Inc.

No de pièce SS248LSOT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECELECTRONICS [SEC Electronics Inc.]
Site Internet  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS248LSOT Fiches technique(HTML) 8 Page - SEC Electronics Inc.

Back Button SS248LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS248LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS248LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS248LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS248LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS248LSOT Datasheet HTML 8Page - SEC Electronics Inc. SS248LSOT Datasheet HTML 9Page - SEC Electronics Inc. SS248LSOT Datasheet HTML 10Page - SEC Electronics Inc. SS248LSOT Datasheet HTML 11Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SS248
CMOS Omnipolar High Sensitivity Micropower Hall Switch
8
V2.00
May 1, 2012
Package Information
Package SO, 3-Pin SOT-23:
Notes:
Top View
SOT-23 Package Hall Location
2.70
3.10
1.00
1.30
0.70
0.90
0.00
0.10
0.35
0.50
0.10
0.25
0.20
MIN
2.60
3.00
1.50
1.80
1.70
2.10
3
2
1
Side View
End View
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters ;
0.56
0.66
0.95
0.80
1.50
1.40
Chip
3
Bottom View of SOT-23 Package
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11