Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXP-85112B Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXP-85112B
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85112B Fiches technique(HTML) 3 Page - Sony Corporation

  CXP-85112B Datasheet HTML 1Page - Sony Corporation CXP-85112B Datasheet HTML 2Page - Sony Corporation CXP-85112B Datasheet HTML 3Page - Sony Corporation CXP-85112B Datasheet HTML 4Page - Sony Corporation CXP-85112B Datasheet HTML 5Page - Sony Corporation CXP-85112B Datasheet HTML 6Page - Sony Corporation CXP-85112B Datasheet HTML 7Page - Sony Corporation CXP-85112B Datasheet HTML 8Page - Sony Corporation CXP-85112B Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
– 3 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
VDD
NC
VSS
MP
PF0/PWM0
PF1/PWM1
PF2/PWM2
PF3/PWM3
BLK
R
G
B
VSYNC
HSYNC
EXLC
XLC
PE0/INT0
PE1/INT1
PE2/AN0
PE3/AN1
PE4/AN2
PE5/AN3
PE6/PWM
PE7/TO
RST
EXTAL
XTAL
PD0/INT2
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
61
63
64
62
53
54
55
56
57
58
59
60
PF4/PWM4/SCL0
PF5/PWM5/SCL1
PF6/PWM6/SDA0
PF7/PWM7/SDA1
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PD7/EC
PD6/RMC
PD5/ACI
PD4/HSI
PD3/SI
PD2/SO
PD1/SCK
VSS
4
5
6
7
8
9
10
2
3
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Note)
1. NC (Pin 63) must be connected to VDD.
2. Vss for both Pins 32 and 62 must be grounded.
3. MP (Pin 61) must be connected to GND.
Pin Assignment 1 (Top View) 64 pin SDIP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20