Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STVVGLNA Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STVVGLNA
Description  General-purpose, variable-gain, low-noise, RF amplifier for broadcast receiver applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVVGLNA Fiches technique(HTML) 2 Page - STMicroelectronics

  STVVGLNA Datasheet HTML 1Page - STMicroelectronics STVVGLNA Datasheet HTML 2Page - STMicroelectronics STVVGLNA Datasheet HTML 3Page - STMicroelectronics STVVGLNA Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STVVGLNA
2/4
Doc ID 018892 Rev 1
1
Introduction
The STVVGLNA is a front-stage amplifier designed for set-top boxes. It has high input
power dynamic range to allow the optimization of sensitivity and linearity requirements.
The STVVGLNA has several operating modes suitable for different signal conditions:
●
automatic wide-band mode, internal AGC (the default mode)
●
semi-automatic wide-band mode, internal AGC
●
fixed gain mode, no AGC
●
variable gain with external AGC (driven by demodulator, for example)
The mode of operation is programmable via the I2C bus.
The STVVGLNA also provides a RF-signal-level indication which may be interrogated via
the I2C bus. This is useful for installation and status information.
At power-on, the STVVGLNA starts in automatic and autonomous AGC mode so that it can
operate in satellite set-top boxes, LNBs or SMATV accessories without any software
assistance.
Features
Benefits
Active amplitude compensation and
balanced/differential operation.
Simplified RF layout and increased robustness to
interference.
Four AGC/Gain programmable operating
modes.
Flexible AGC strategy.
Programmable via I2C bus.
The device can be µP controlled.
Wide range of input frequencies.
Applications range from satellite receivers down to
VHF antenna amplifiers.
Low component count plus tiny package with
exposed pad.
Small BOM and minimal use of PCB area.
Pre programmed
automatic wide-band
internal AGC mode.
No micro processor is required if the STVVGLNA is
to be used in default mode.



Html Pages

1 2 3 4