| Moteur de recherche de fiches techniques de composants électroniques |
|
STIH225 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STIH225 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Data brief For further information contact your local STMicroelectronics sales office. November 2011 Doc ID 022120 Rev 3 1/4 1 STiH225 Interactive HDTV cable STB processor with integrated front-end Features ■ DOCSIS/EuroDOCSIS 2.0 cable modem with support for DOCSIS 3.0 down-stream channel bonding ■ Integrates three cable receiver/demodulators with 12-bit ADC IF interface and one cable transmitter with 14-bit DAC output ■ Dual core architecture ■ Linux® compatible ■ Firmware-based multi-standard HD video decoder for: – H.264 / MPEG-4 AVC HP@L4 – MPEG-2 MP@HL – SMPTE VC-1 AP@L3 ■ Firmware-based multi-standard audio processor for: – MPEG-1 I/II/III (MP3), MPEG-2 ACC (AAC- LC) – MPEG-4 HE AAC (aacPlus) –Dolby® Digital (AC-3), Dolby Digital Plus ■ Firmware-based programmable transport stream (PTI) processor ■ DVR support, and trick play modes ■ Dual display HD and SD ■ 2D Blitter graphics with video mosaic support ■ Multi-level layered security ■ Interfaces include USB, Ethernet, HDMITM, eSATA ■ Single port 10/100 fast Ethernet transceiver Description The STiH225 is an interactive HDTV set-top box device, with an embedded DOCSIS cable modem capable of providing DOCSIS set-top gateway (DSG), interactive multimedia and internet access for the digital cable market. STiH225 device can be used as a mini gateway for the home network. JTAG STB peripherals I/O Digital video ED/SD out Resets Analog out Clocks Modes PCM I/O S/PDIF out External interrupts Clock Gen System serv Peripherals SSC UART ILC PWM Infrared Smartcard Connectivity Transport Security Audio I/O Display Video I/O Audio decoder Video decoder EMI PCI Serial LMI System interfaces CPU/FPU STBus Triple FDMA Bdisp Blitter USB 2.0 eSATA Ethernet IF in RF out DDR2 Serial Flash Memory Flash, SFlash NOR, NAND PCM reader PCI Peripherals PCM players DACs Flash Analog video ED/SD out GPIO DOCSIS 2.0 + MAC transceiver Cable ITU-T J.83 A/B/C MCARD www.st.com |
Numéro de pièce similaire - STIH225 |
|
Description similaire - STIH225 |