Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STI7106 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STI7106
Description  Advanced HD decoder
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7106 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STI7106 Datasheet HTML 5Page - STMicroelectronics STI7106 Datasheet HTML 6Page - STMicroelectronics STI7106 Datasheet HTML 7Page - STMicroelectronics STI7106 Datasheet HTML 8Page - STMicroelectronics STI7106 Datasheet HTML 9Page - STMicroelectronics STI7106 Datasheet HTML 10Page - STMicroelectronics STI7106 Datasheet HTML 11Page - STMicroelectronics STI7106 Datasheet HTML 12Page - STMicroelectronics STI7106 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STi7106
Target applications
Doc ID 16517 Rev 1
9/13
Figure 4.
Multi tuner DVB-C/IP HD DVR STB with DOCSIS
STi7106
RESET
JTAG
DCU
2x USB 2.0
USB power
control
RJ45
PHY
Gbit Ethernet
GMII
DDR2
LMI
Power supply
STv6417
YC, CVBS
30 MHz
S/PDIF
S/PDIF
Analog
audio, L/R
Left
Right
Audio
STv297E
Tuner
SSC0-I2C
HDMI
TMDS/DDC/CEC
RGB
USB
USB
TS input
PIOs/IRRx
Front panel
Smartcard
ST8024
UART0
Display driver
or FP
µP
display and controls
UART1
Tuner
Tuner
Tuner
SSC1-I2C
TS input
TS input
MII
STv0498+
STv0130
SDRAM Flash
eSATA1
eSATA2
TV SCART
Aux/Loop-through
SCART
SSC3-I2C
E2PROM
SLC NAND
Flash
EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13