| Moteur de recherche de fiches techniques de composants électroniques |
|
STA8088GA Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8088GA Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 18 page ![]() Ordering information STA8088GA 16/18 Doc ID 022679 Rev. 2 4 Ordering information Figure 5. Ordering information scheme Packing GNSS Automotive Grade TR = Tape and Reel <blank> = Tray 5 = VFQFPN56 (8 x 8 x 0.85mm) <blank> = VFQFPN56 (7 x 7 x 0.85mm) A = ST Automotive Grade (with CAN) <blank> = AEC-Q100 (no CAN) G = GPS/Glonass/Galileo/QZSS <blank> = GPS/QZSS SAL without Flash STA8088 TR GA Example code: Family identifier Package option 5 |