| Moteur de recherche de fiches techniques de composants électroniques |
|
4256BWP Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
4256BWP Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 41 page ![]() M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF DC and AC parameters Doc ID 6757 Rev 28 31/41 Figure 12. Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I2C bus at maximum frequency fC = 400 kHz Figure 13. Maximum Rbus value versus bus parasitic capacitance Cbus) for an I2C bus at maximum frequency fC = 1MHz |