Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24LR16E-R Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce M24LR16E-R
Description  16-bit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR16E-R Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button M24LR16E-R Datasheet HTML 83Page - STMicroelectronics M24LR16E-R Datasheet HTML 84Page - STMicroelectronics M24LR16E-R Datasheet HTML 85Page - STMicroelectronics M24LR16E-R Datasheet HTML 86Page - STMicroelectronics M24LR16E-R Datasheet HTML 87Page - STMicroelectronics M24LR16E-R Datasheet HTML 88Page - STMicroelectronics M24LR16E-R Datasheet HTML 89Page - STMicroelectronics M24LR16E-R Datasheet HTML 90Page - STMicroelectronics M24LR16E-R Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 143 page
background image
M24LR16E-R
Command codes
Doc ID 018932 Rev 8
87/143
Figure 56.
M24LR16 RF-Busy management following Write command
MS19756V1
S
O
F
Write
command
E
O
F
S
O
F
Ireply
M24LR16
E
O
F
1) M24LR16 replies. RF_Busy is released after M24LR16 response.
RF_Busy
S
O
F
Write
command
E
O
F
E
O
F
2) M24LR16 replies when option flag is set. RF_Busy is released after M24LR16
response.
RF_Busy
Wt
Wt
t1
S
O
F
Ireply
M24LR16
E
O
F
3) VCD sends a forbidden Write (sector lock, password-protected). RF_Busy is
released after M24LR16 command.
S
O
F
Write
command
E
O
F
S
O
F
Ireply
M24LR16
E
O
F
t1
RF_Busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More