Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C32-DF Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce M24C32-DF
Description  32-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-DF Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button M24C32-DF_12 Datasheet HTML 18Page - STMicroelectronics M24C32-DF_12 Datasheet HTML 19Page - STMicroelectronics M24C32-DF_12 Datasheet HTML 20Page - STMicroelectronics M24C32-DF_12 Datasheet HTML 21Page - STMicroelectronics M24C32-DF_12 Datasheet HTML 22Page - STMicroelectronics M24C32-DF_12 Datasheet HTML 23Page - STMicroelectronics M24C32-DF_12 Datasheet HTML 24Page - STMicroelectronics M24C32-DF_12 Datasheet HTML 25Page - STMicroelectronics M24C32-DF_12 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Initial delivery state
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
22/40
Doc ID 4578 Rev 21
6
Initial delivery state
The device is delivered with all bits set to 1 (both in the memory array and in the
Identification page - that is, each byte contains FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40