Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL5986 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce EVAL5986
Description  2.5 A step-down switching regulator demonstration board based on the L5986, L5986A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL5986 Fiches technique(HTML) 4 Page - STMicroelectronics

  EVAL5986 Datasheet HTML 1Page - STMicroelectronics EVAL5986 Datasheet HTML 2Page - STMicroelectronics EVAL5986 Datasheet HTML 3Page - STMicroelectronics EVAL5986 Datasheet HTML 4Page - STMicroelectronics EVAL5986 Datasheet HTML 5Page - STMicroelectronics EVAL5986 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Package mechanical data
EVAL5986 - EVAL5986A
4/6
Doc ID 16567 Rev 1
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6