Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F3DISCOVERY Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32F3DISCOVERY
Description  STM32 F3 series discovery kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3DISCOVERY Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32F3DISCOVERY Datasheet HTML 1Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 2Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
System requirements
STM32F3DISCOVERY
2/3
Doc ID 023596 Rev 1
1
System requirements
Windows PC (XP, Vista, 7)
USB type A to Mini-B cable
2
Development toolchains
Altium TASKING™ VX-Toolset
Atollic TrueSTUDIO®
IAR EWARM
Keil™ MDK-ARM
3
Demonstration software
The demonstration software is preloaded in the board Flash memory. It uses the USER
pushbutton to switch the operation of the 8 LEDs into different modes from simple blinking
mode, to indicating the gyroscope movements, or indicating the direction of the north pole.
The latest versions of the demonstration source code and associated documentation can be
downloaded from www.st.com/stm32f3discovery.
4
Revision history
Table 2.
Document revision history
Date
Revision
Changes
03-Sep-2012
1
Initial release.



Html Pages

1 2 3