Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74LVC1G79G-AL5-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce U74LVC1G79G-AL5-R
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G79G-AL5-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  U74LVC1G79G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G79G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G79G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G79G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G79G-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G79G-AL5-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G79G-AL5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
U74LVC1G79
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-803.A
PIN CONFIGURATION
FUNCTION TABLE (EACH GATE)
INPUT
OUTPUT
CLK
D
Q
↑
H
H
↑
L
L
L
X
Q0
Note: H: HIGH voltage level; L: LOW voltage level; X: Don’t care; ↑: Low to High CLK transition
Q0: indicates the state of referenced input, one set-up time prior to the LOW-to-HIGH CLK transition
LOGIC DIAGRAM (positive logic)



Html Pages

1 2 3 4 5 6 7