| Moteur de recherche de fiches techniques de composants électroniques |
|
STEVAL-CCA007V1 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-CCA007V1 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Data Brief For further information contact your local STMicroelectronics sales office. May 2008 Rev 1 1/4 4 STEVAL-CCA007V1 Demonstration board for the TS2012 filter-free stereo 2x2.8W class D audio power amplifier Features ■ Operating range from VCC = 2.5 V to 5.5 V ■ Standby mode active low ■ Output power per channel: 1.3 5 W at 5 V or 0.68 W at 3.6 V into 8 Ω with 1% THD+N max ■ Output power per channel: 2.2 W at 5 V into 4 Ω with 1% THD+N max ■ Four gain select settings: 6, 12, 18, 24 dB ■ Low current consumption ■ PSRR: 70 dB typ at 217 Hz with 6 dB gain ■ Fast start-up phase: 1 ms ■ Thermal shutdown protection ■ QFN20 4x4 mm lead-free package Description This demonstration board is designed for evaluation of the TS2012, a fully differential class D stereo power amplifier. The TS2012 device is housed in a QFN package and mounted on a two- layer PCB with a copper area acting as a heatsink. Easily accessible connectors on the board allow changing or driving gain select pins (G0 and G1) and standby control pins. It is also possible to change the input configuration of the TS2012. STEVAL-CCA007V1 www.st.com |
Numéro de pièce similaire - STEVAL-CCA007V1 |
|
Description similaire - STEVAL-CCA007V1 |