| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7232X-EVAL Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7232X-EVAL Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() ST7232X-EVAL 2/3 ■ 128 x 64 Graphic LCD display on a removable board. ■ Motor speed and beep control using PWM ■ RS232, I2C, SPI and CAN interfaces ■ External interrupt with 4 TACT switches ■ Internal variable resistance for ADC design ■ 8 LEDs for checking I/O port operating status ■ Integrated 7-Segment display for dynamic checking of I/O port operating status ■ IR sensor ■ ST-standard ICC connection for easy in-circuit programming ■ Wrapping area For further information about this and other development tools for ST7, please refer to www.st.com/mcu. Revision history Date Revision Changes 18-November-2005 1 Initial release. |