| Moteur de recherche de fiches techniques de composants électroniques |
|
EVALSP1340CPU Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EVALSP1340CPU Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. For further information contact your local STMicroelectronics sales office. April 2012 Doc ID 023095 Rev 1 1/3 3 EVALSP1340CPU EVALSP1340 evaluation board (rev. 2.2) for SPEAr1340 Data brief − preliminary data Features ■ SPEAr1340 embedded MPU ■ 4 DDR3 chips (32-bit) 1 GB ■ Serial NOR Flash, 8 MB ■ 8-bit NAND Flash, 2 Gb ■ 16-bit NAND Flash expansion connector ■ Audio stereo jack and microphone ■ Two USB 2.0 high speed host ports ■ One OTG 2.0 high speed port (Micro USB-AB) ■ One 10/100/1000 Ethernet port ■ One PCIe X1 Root Complex connector ■ One SATA connector ■ One SDIO connector ■ One UART serial port (up to 115 Kbaud) ■ LCD connectors (LVDS bus - TFT panel) ■ Camera module ■ MEMS (accelerometer & magnetometer) ■ Debug port (CPU JTAG connector) ■ 10" LCD kit - order code EVALSP1340LCD (optional) ■ CLCD Video HDMI transmitter plugboard - order code EVALSP1340HDM (optional) Description The evaluation board revision 2.2 is used to enable quick evaluation and debugging of software for the SPEAr1340 embedded MPU. It acts as a learning tool for rapid familiarity with the features of the SPEAr1340, as well as providing a reference design to use as a starting point for the development of a final application board. The EVALSP1340CPU board is equipped with interfaces to the high-speed peripherals embedded in SPEAr1340 device. www.st.com |
Numéro de pièce similaire - EVALSP1340CPU |
|
Description similaire - EVALSP1340CPU |