| Moteur de recherche de fiches techniques de composants électroniques |
|
EVALSP320SCPU Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EVALSP320SCPU Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. For further information contact your local STMicroelectronics sales office. April 2012 Doc ID 023092 Rev 1 1/3 3 EVALSP320SCPU EVALSP320SCPU evaluation board for SPEAr320S Data brief − preliminary data Features ■ SPEAr320S embedded MPU ■ Up to 2 Gbit DDR2 333 MHz (standard 128 Mbytes) ■ Up to 16 Mbyte Serial Flash memory (standard 8 Mbytes) ■ Two USB 2.0 full host port channels ■ One USB 2.0 host device port ■ One serial port (up to 115 baud) ■ JTAG Debug ports Description The EVALSP320SCPU evaluation board enables you to evaluate SPEAr320S microprocessors; the evaluation board kit comprises one board, one serial cable interface, and one power supply. www.st.com |
Numéro de pièce similaire - EVALSP320SCPU |
|
Description similaire - EVALSP320SCPU |