| Moteur de recherche de fiches techniques de composants électroniques |
|
EMIF06-MSD02C3 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EMIF06-MSD02C3 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() Characteristics EMIF06-mSD02C3 2/11 Doc ID 16910 Rev 1 1 Characteristics Figure 2. EMIF06-mSD02C3 configuration Table 1. Absolute ratings (limiting values) Symbol Parameter Value Unit VPP ESD discharge IEC 61000-4-2, air discharge ESD discharge IEC 61000-4-2, contact discharge 15 15 kV Vin Maximum input voltage 5.5 V Tj Maximum junction temperature 125 °C Top Operating temperature range - 40 to + 85 °C Tstg Storage temperature range - 55 to + 150 °C Table 2. Pin configuration Pin Signal Pin Signal A1 DATA0 C1 CMD A2 DATA1 C2 Vss A3 SDDATA1 C3 Vss A4 SDDATA0 C4 SDCMD B1 CLK D1 DATA3/CD B2 Vcc D2 DATA2 B3 Vss D3 SDDATA2 B4 SDCLK D4 SDDATA3/CD Vcc SDClk SDCMD SDData0 SDData1 SDData2 SDData3/CD Clk CMD Data0 Data1 Data2 Data3/CD R1 R3 R5 R2 R3 R5 HOST CARD GND bumps must be connected together |