Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEVKIT-M24LR-A Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce DEVKIT-M24LR-A
Description  Development kit for M24LRxx Dual Interface EEPROMs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DEVKIT-M24LR-A Fiches technique(HTML) 2 Page - STMicroelectronics

  DEVKIT-M24LR-A Datasheet HTML 1Page - STMicroelectronics DEVKIT-M24LR-A Datasheet HTML 2Page - STMicroelectronics DEVKIT-M24LR-A Datasheet HTML 3Page - STMicroelectronics DEVKIT-M24LR-A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Associated PC software
DEVKIT-M24LR-A
2/4
Doc ID 17872 Rev 2
Associated PC software
The DEVKIT-M24LR-A is delivered with a PC software, the M24LRxx_Application_software.
This software can be used to run demonstrations, or to communicate with M24LRxx devices
through the I2C and RF channels.
The PC software is included in the CD-ROM delivered within the DEVKIT-M24LR-A. Further
release are available from www.st.com/dualeeprom.



Html Pages

1 2 3 4