| Moteur de recherche de fiches techniques de composants électroniques |
|
VL5510 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL5510 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() Functional description VL5510 6/8 Figure 1. VL5510 block diagram I2C slave IF Pixel array 1024 x 512 IDP_bank ROM I2C ICB IDP DOUT On chip regulator RAM ICB_bank Clock Gen System clocks RAM UIA interface CCP Tx arbitrer decoder LUT Video processing pipe SPI master IF SPI/UART SPI Parallel Tx LVDS PLL slave IF CAB eWARP (m8051) SPI/UART slave On chip POR OUT On chip osc 27 MHz crystal |