| Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL01GP Fiches technique(PDF) 37 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GP Fiches technique(HTML) 37 Page - SPANSION |
|
37 / 81 page ![]() October 22, 2012 S29GL-P_00_A14 S29GL-P MirrorBit® Flash Family 37 Data She e t the status or valid data. Even if the device has completed the program or erase operation and DQ7 has valid data, the data outputs on DQ6-DQ0 may be still invalid. Valid data on DQ7-D00 appears on successive read cycles. See the following for more information: Table 7.17, shows the outputs for Data# Polling on DQ7. Figure 7.4, shows the Data# Polling algorithm; and Figure 11.7, shows the Data# Polling timing diagram. Figure 7.4 Write Operation Status Flowchart Read_1 Read_2 Read_3 DQ6 Toggles between Read_1 & Read_2 and Read_2 & Read_3 WriteBuffer program and Read_1 DQ1 is set Read_1 DQ5 is set YES NO RETURN WRITE ABORT YES YES RETURN TIME OUT NO NO Read_1 Read_2 DQ2 Toggles NO YES RETURN DONE RETURN SUSPEND START -DQ 6 toggles when programming -DQ 6 and DQ 2 toggle when erasing -DQ 2 toggles when erase suspend -DQ 1 set when program error -DQ 5 set when time out |