Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS1150 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STPS1150
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STPS1150_11 Datasheet HTML 3Page - STMicroelectronics STPS1150_11 Datasheet HTML 4Page - STMicroelectronics STPS1150_11 Datasheet HTML 5Page - STMicroelectronics STPS1150_11 Datasheet HTML 6Page - STMicroelectronics STPS1150_11 Datasheet HTML 7Page - STMicroelectronics STPS1150_11 Datasheet HTML 8Page - STMicroelectronics STPS1150_11 Datasheet HTML 9Page - STMicroelectronics STPS1150_11 Datasheet HTML 10Page - STMicroelectronics STPS1150_11 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STPS1150
Package information
Doc ID 9472 Rev 5
9/11
Figure 22.
Footprint (dimensions in mm)
Table 7.
SMA dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.094
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.90
0.089
0.114
E
4.80
5.35
0.189
0.211
E1
3.95
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
Table 8.
DO-41 (plastic) dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.1
5.20
0.160
0.205
B
2
2.71
0.080
0.107
C25.4
1
D
0.712
0.863
0.028
0.034
E
C
L
E1
D
A1
A2
b
2.63
5.43
1.4
1.64
1.4
ØD ØB
A
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11