| Moteur de recherche de fiches techniques de composants électroniques |
|
S29AS016J Fiches technique(PDF) 19 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29AS016J Fiches technique(HTML) 19 Page - SPANSION |
|
19 / 60 page ![]() February 1, 2012 S29AS016J_00_11 S29AS016J 19 Data She e t 7.10 Sector Address Tables Note Address range is A19:A-1 in byte mode and A19:A0 in word mode. See Word/Byte Configuration on page 15. Table 7.3 Sector Address Tables (Top Boot Device) Sector A19 A18 A17 A16 A15 A14 A13 A12 Sector Size (Kbytes/ Kwords) Address Range (in hexadecimal) Byte Mode (x8) Word Mode (x16) SA0 00000 X X X 64/32 000000–00FFFF 00000–07FFF SA1 00001 X X X 64/32 010000–01FFFF 08000–0FFFF SA2 00010 X X X 64/32 020000–02FFFF 10000–17FFF SA3 00011 X X X 64/32 030000–03FFFF 18000–1FFFF SA4 00100 X X X 64/32 040000–04FFFF 20000–27FFF SA5 00101 X X X 64/32 050000–05FFFF 28000–2FFFF SA6 00110 X X X 64/32 060000–06FFFF 30000–37FFF SA7 00111 X X X 64/32 070000–07FFFF 38000–3FFFF SA8 01000 X X X 64/32 080000–08FFFF 40000–47FFF SA9 01001 X X X 64/32 090000–09FFFF 48000–4FFFF SA10 01010 X X X 64/32 0A0000–0AFFFF 50000–57FFF SA11 01011 X X X 64/32 0B0000–0BFFFF 58000–5FFFF SA12 01100 X X X 64/32 0C0000–0CFFFF 60000–67FFF SA13 01101 X X X 64/32 0D0000–0DFFFF 68000–6FFFF SA14 01110 X X X 64/32 0E0000–0EFFFF 70000–77FFF SA15 01111 X X X 64/32 0F0000–0FFFFF 78000–7FFFF SA16 10000 X X X 64/32 100000–10FFFF 80000–87FFF SA17 10001 X X X 64/32 110000–11FFFF 88000–8FFFF SA18 10010 X X X 64/32 120000–12FFFF 90000–97FFF SA19 10011 X X X 64/32 130000–13FFFF 98000–9FFFF SA20 10100 X X X 64/32 140000–14FFFF A0000–A7FFF SA21 10101 X X X 64/32 150000–15FFFF A8000–AFFFF SA22 10110 X X X 64/32 160000–16FFFF B0000–B7FFF SA23 10111 X X X 64/32 170000–17FFFF B8000–BFFFF SA24 11000 X X X 64/32 180000–18FFFF C0000–C7FFF SA25 11001 X X X 64/32 190000–19FFFF C8000–CFFFF SA26 11010 X X X 64/32 1A0000–1AFFFF D0000–D7FFF SA27 11011 X X X 64/32 1B0000–1BFFFF D8000–DFFFF SA28 11100 X X X 64/32 1C0000–1CFFFF E0000–E7FFF SA29 11101 X X X 64/32 1D0000–1DFFFF E8000–EFFFF SA30 11110 X X X 64/32 1E0000–1EFFFF F0000–F7FFF SA31 11111000 8/4 1F0000–1F1FFF F8000–F8FFF SA32 11111001 8/4 1F2000–1F3FFF F9000–F9FFF SA33 11111010 8/4 1F4000–1F5FFF FA000–FAFFF SA34 11111011 8/4 1F6000–1F7FFF FB000–FBFFF SA35 11111100 8/4 1F8000–1F9FFF FC000–FCFFF SA36 11111101 8/4 1FA000–1FBFFF FD000–FDFFF SA37 11111110 8/4 1FC000–1FDFFF FE000–FEFFF SA38 11111111 8/4 1FE000–1FFFFF FF000–FFFFF |